Part Number Hot Search : 
LM200 S151M165 28C94 MUR16 MUR16 HSB88WK LT1128AC EPF8116S
Product Description
Full Text Search
 

To Download HA179L15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA179L00 Series
3-terminal Negative Fixed Voltage Regulators
ADE-204-054 (Z) Rev. 0 Dec. 2000 Description
The HA179L00 series are three-terminal fixed output voltage regulators. These are small outline packages which are useful ICs. For application example, as Zener diodes, easy stabilized power sources.
Features
* * * * Some kinds output voltage series Superior ripple rejection ratio for audio frequency Large maximum power dissipation: 800 mW Over current and over temperature protection
HA179L00 Series
Ordering Information
Application Industrial use OutputVoltage -5 -6 -8 -9 -10 -12 -15 Commercial use -5 -6 -8 -9 -10 -12 -15 Commercial use -5 -6 -8 -9 -10 -12 -15 TypeName HA179L05P HA179L06P HA179L08P HA179L09P HA179L10P HA179L12P HA179L15P HA179L05 HA179L06 HA179L08 HA179L09 HA179L10 HA179L12 HA179L15 HA179L05U HA179L06U HA179L08U HA179L09U HA179L10U HA179L12U HA179L15U UPAK TO-92M Package TO-92M
Output Voltage Accuracy Grade
Use Industrial Use Commercial Use Standard (4 %) HA179L00P HA179L00 HA179L00U
2
HA179L00 Series
Pin Arrangement
* TO-92M * U-PAK 2
1 1. Common 2. Input 3. Output
2
3
1
2
3
1. Common 2. Input 3. Output
Block Diagram
(1) Common + Reference Voltage - Error Amp
(3) Output Temperature Protection Overcurrent Protection (2) Input
Standard Circuit
Input CIN 0.33 F
HA179Lxx CL 0.1 F
Output
3
HA179L00 Series
UPAK Product (HA179L00U) Mark Patterns
The mark patterns shown below are used. on UPAK products, as the package is small. Note that the product code and mark pattern are different. The pattern is laser-printed.
COMMON
(1) (2)
INPUT
Band Mark
OUTPUT
(3) (4) (5)
Notes: 1. Boxes (1) to (5) in the figures show the position of the letters or numerals, and are not actually marked on the package. 2. (1) and (2) show the product-specific mark pattern. (see table 1) Table 1
Output Voltage(V) -5 -6 -8 -9 -10 -12 -15 Product No. HA179L05U HA179L06U HA179L08U HA179L09U HA179L10U HA179L12U HA179L15U Mark Pattern(2 digit) 9B 9D 9E 9F 9G 9H 9J
3. (3) shows the production year code (the last digit of the year). 4. (4) shows the production month code (see table 2). Table 2
Production Month 1 Marked Code A 2 B 3 C 4 D 5 E 6 F 7 G 8 H 9 J 10 K 11 L 12 M
5. (5) shows the production week code.
4
HA179L00 Series
Absolute Maximum Ratings (Ta = 25C)
Item Input voltage Max power dissipation Operating ambient temperature Storage temperature Symbol VIN P T*
1
HA179L00P, HA179L00 Series -35 800*
2
HA179L00U Series -35 800*
2
Unit V mW C C
Topr Tstg
-20 to +85 -55 to +150
-20 to +85 -55 to +150
Notes: 1. Ta 25C, If Ta > 25C, derate by 6.4 mW/C 2. 15 mm x 25 mm x 0.7 mm glass epoxy board, Ta 25C
Max Power Dissipation PT (mV)
1,200 1,000 800 600 400 (2) 200 0 0 25 50 75 100 125 150 Ambient Temperature Ta (C) (1) (1) HA179L00P, HA179L00, HA179L00U 15 mm x 25 mm x 0.7 mm glass epoxy board (2) HA179L00U at non-mounted
5
HA179L00 Series
Electrical Characteristics
HA179L05P, HA179L05, HA179L05U (V IN = -10 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT Min -4.8 Typ -5.0 Max -5.2 -5.25 150 100 60 30 4.0 1.5 1.0 V mA Tj = 25C Tj = 25C mA mA Tj = 25C Tj = 25C -20 V V IN -8.0 V 1.0 mA IOUT 40 mA mV Tj = 25C mV Unit V Test Condition Tj = 25C VIN = -10 V, 1.0 mA IOUT 70 mA Tj = 25C -20 V V IN -7 V -20 V V IN -8 V 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA
-4.75 Line regulation VOLINE VOLOAD Load regulation Quiescent current I Q Quiescent current I Q change Voltage drop VDROP 55 45 16 11 5.0 2.0 1.3 300
Output short circuit I OS current
6
HA179L00 Series
HA179L06P, HA179L06, HA179L06U (V IN = -11 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT Min Typ Max Unit Test Condition Tj = 25C VIN = -11 V, 1.0 mA IOUT 70 mA mV Tj = 25C -21 V V IN -8.1 V -21 V V IN -9.0 V mV Tj = 25C 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA mA mA Tj = 25C Tj = 25C -21 V V IN -9.0 V 1.0 mA IOUT 40 mA V mA Tj = 25C Tj = 25C
-5.76 -6.0 -5.70 --
-6.24 V -6.30 150 110 70 35 4.0 1.5 1.0 -- --
Line regulation
VOLINE VOLOAD
-- --
50 45 17.5 12 5.5
Load regulation
Quiescent current I Q Quiescent current change Voltage drop I Q
2.0 -- -- 1.3 300
VDROP
-- --
Output short circuit I OS current
HA179L08P, HA179L08, HA179L08U (V IN = -14 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT VOLINE VOLOAD Min Typ Max Unit Test Condition Tj = 25C VIN = -14 V, 1.0 mA IOUT 70 mA mV Tj = 25C -23 V V IN -10.5 V -23 V V IN -11 V mV Tj = 25C 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA mA mA Tj = 25C Tj = 25C -23 V V IN -11 V 1.0 mA IOUT 40 mA V mA Tj = 25C Tj = 25C
-7.68 -8.0 -7.60 --
-8.32 V -8.40 175 125 -- 80 40 4.0 1.5 1.0 -- --
Line regulation
-- --
65 55 22 15 7.0 2.0 -- -- 1.3 270
Load regulation
-- -- --
Quiescent current I Q Quiescent current change Voltage drop I Q
-- -- --
VDROP
-- --
Output short circuit I OS current
7
HA179L00 Series
HA179L09P, HA179L09, HA179L09U (V IN = -15 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT VOLINE VOLOAD Min Typ Max Unit Test Condition Tj = 25C VIN = -15 V, 1.0 mA IOUT 70 mA mV Tj = 25C -24 V V IN -11.4 V -24 V V IN -12 V mV Tj = 25C 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA mA mA Tj = 25C Tj = 25C -24 V V IN -12 V 1.0 mA IOUT 40 mA V mA Tj = 25C Tj = 25C
-8.64 -9.0 -8.55 --
-9.36 V -9.45 200 160 -- 90 45 4.6 1.5 1.0 -- --
Line regulation
-- --
80 70 24.5 17 8.0 2.6 -- -- 1.3 270
Load regulation
-- -- --
Quiescent current I Q Quiescent current change Voltage drop I Q
-- -- --
VDROP
-- --
Output short circuit I OS current
HA179L10P, HA179L10, HA179L10U (V IN = -16 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT VOLINE VOLOAD Min -9.6 Typ -10 Max -10.4 -10.50 230 170 -- 90 45 4.6 1.5 1.0 -- -- V mA Tj = 25C Tj = 25C mA mA Tj = 25C Tj = 25C -25 V V IN -13 V 1.0 mA IOUT 40 mA mV Tj = 25C mV Unit V Test Condition Tj = 25C VIN = -16 V, 1.0 mA IOUT 70 mA Tj = 25C -25 V V IN -12.5 V -25 V V IN -13 V 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA
-9.50 -- Line regulation -- -- Load regulation -- -- -- Quiescent current I Q Quiescent current change Voltage drop I Q -- -- -- VDROP -- -- 80 70 26 18 8.5 2.6 -- -- 1.3 260
Output short circuit I OS current
8
HA179L00 Series
HA179L12P, HA179L12, HA179L12U (V IN = -19 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT VOLINE VOLOAD Min Typ Max Unit Test Condition Tj = 25C VIN = -19 V, 1.0 mA IOUT 70 mA mV Tj = 25C -27 V V IN -14.5 V -27 V V IN -16 V mV Tj = 25C 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA mA mA Tj = 25C Tj = 25C -27 V V IN -16 V 1.0 mA IOUT 40 mA V mA Tj = 25C Tj = 25C
-11.52 -12 -11.40 --
-12.48 V -12.60 250 200 -- 100 50 4.6 1.5 1.0 -- --
Line regulation
-- --
120 100 28.5 20 10 2.6 -- -- 1.3 250
Load regulation
-- -- --
Quiescent current I Q Quiescent current change Voltage drop I Q
-- -- --
VDROP
-- --
Output short circuit I OS current
HA179L15P, HA179L15, HA179L15U (V IN = -23 V, IOUT = 40 mA, 0C Tj 125C, CIN = 0.33 F, CL = 0.1 F)
Item Output voltage Symbol VOUT VOLINE VOLOAD Min Typ Max Unit Test Condition Tj = 25C VIN = -23 V, 1.0 mA IOUT 70 mA mV Tj = 25C -30 V V IN -17.5 V -30 V V IN -20 V mV Tj = 25C 1.0 mA IOUT 150 mA 1.0 mA IOUT 100 mA 1.0 mA IOUT 40 mA mA mA Tj = 25C Tj = 25C -30 V V IN -20 V 1.0 mA IOUT 40 mA V mA Tj = 25 C Tj = 25C
-14.4 -15 -14.25 --
-15.6 V -15.75 300 250 -- 150 75 4.6 1.5 1.0 -- --
Line regulation
-- --
130 110 36 25 12 2.6 -- -- 1.3 240
Load regulation
-- -- --
Quiescent current I Q Quiescent current change Voltage drop I Q
-- -- --
VDROP
-- --
Output short circuit I OS current
9
HA179L00 Series
Characteristic Curves
Output Voltage vs. Junction Temperature Ripple Rejection Ratio RREJ (dB) -5.2 Output Voltage VOUT (V) HA179L05 VIN = -10 V IOUT = 5 mA 80 Ripple Rejection Ratio vs. Frequency HA179L05 VIN = -10 V IOUT = 40 mA
60
-5.0
40
20
-4.8 0
25 50 75 100 Junction Temperature Tj (C) Output Voltage vs. Input Voltage
125
0 100
1k 10 k Frequency f (Hz) Quiescent Current vs. Input Voltage
100 k
-10 Quiescent Current IQ (A) Output Voltage VOUT (V) HA179L05 IOUT = 40 mA
4 HA179L05 IOUT = 40 mA 3
-5
2
1
0 0
-10 -20 Input Voltage VIN (V)
-30
-35
0 0
-10 -20 Input Voltage VIN (V)
-30
-35
Output Voltage vs. Input Voltage -30 Output Voltage VOUT (V) HA179L15 IOUT = 40 mA -10 Output Voltage VOUT (V)
Output Voltage vs. Output Current HA179L05 VIN = -10V VIN = -20V
-15
-5 VIN = -20 V VIN = -10 V 300
0 0
-10 -20 Input Voltage VIN (V)
-30
-35
0 0
100 200 Output Current IOUT (mA)
10
HA179L00 Series
Package Dimensions
Unit: mm
4.5 0.1
0.4
1.8 Max 1
1.5 0.1 0.44 Max
(2.5)
(1.5)
1.5 1.5 3.0
0.8 Min
0.44 Max
Hitachi Code JEDEC EIAJ Mass (reference value)
(0.4)
0.53 Max 0.48 Max
2.5 0.1 4.25 Max
UPAK -- Conforms 0.050 g
(0.2)
11
HA179L00 Series
Unit: mm
4.8 0.3
3.8 0.3
0.65 0.1 0.75 Max 0.5 0.1 0.7 0.60 Max
2.3 Max
10.1 Min
8.0 0.5
0.5
1.27 2.54
Hitachi Code JEDEC EIAJ Mass (reference value) TO-92 Mod -- Conforms 0.35 g
12
HA179L00 Series
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica Europe Asia Japan
: : : :
http://semiconductor.hitachi.com/ http://www.hitachi-eu.com/hel/ecg http://sicapac.hitachi-asia.com http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00, Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://www.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road, Hung-Kuo Building, Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon, Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://www.hitachi.com.hk
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585160
Copyright (c) Hitachi, Ltd., 2000. All rights reserved. Printed in Japan.
Colophon 2.0
13


▲Up To Search▲   

 
Price & Availability of HA179L15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X